PART |
Description |
Maker |
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRL2203 IRL2203N IRL2203NPBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A?
|
International Rectifier
|
IRLML5103 IRLML5103PBF IRLML5103TR |
-30V Single P-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
|
IRF[International Rectifier]
|
IRF7603 |
30V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
|
International Rectifier
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
IRF3707 IRF3707L IRF3707S IRF3707PBF IRF3707STRL I |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V Rds(on)max=12.5mohm Id=62A) Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A) Power MOSFET(Vdss=30V/ Rds(on)max=12.5mohm/ Id=62A)
|
IRF[International Rectifier]
|
IRF7416 IRFB7416 IRF7416TR |
Power MOSFET(Vdss=-30V/ Rds(on)=0.02ohm) Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm) -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFU3708 IRFR3708 IRFR3708TR IRFR3708TRL IRFR3708P |
30V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A? Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A) Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A?) 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF3707ZCL IRF3707ZCS |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRL2203NSTRR IRL2203NSTRL IRL2203NL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF7303 IRF7303TR |
Generation V Technology 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
|
International Rectifier http://
|